|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CD40104BMS, CD40194BMS December 1992 CMOS 4-Bit Bidirectional Universal Shift Register Pinouts OUTPUT ENABLE 1 SHIFT RIGHT IN 2 D0 3 D1 4 D2 5 D3 6 SHIFT LEVEL IN 7 VSS 8 Features * High Voltage Type (20V Rating) * Medium Speed fCL = 12MHz (typ.) at VDD = 10V * Fully Static Operation * Synchronous Parallel or Serial Operation * Three State Outputs (CD40104BMS) * Asynchronous Master Reset (CD40194BMS) * 5V, 10V and 15V Parametric Ratings * Standardized Symmetrical Output Characteristics * Meets All Requirements of JEDEC Tentative Standard No. 13B, "Standard Specifications for Description of `B' Series CMOS Devices" CD40104BMS TOP VIEW 16 VDD 15 Q0 14 Q1 13 Q2 12 Q3 11 CLOCK 10 SELECT 1 9 SELECT 0 Applications * Arithmetic Unit Bus Registers * Serial/Parallel Conversions * General Purpose Register for Bus Organized Systems * General Purpose Registers RESET 1 SHIFT RIGHT IN 2 D0 3 D1 4 D2 5 D3 6 SHIFT LEVEL IN 7 VSS 8 CD40194BMS TOP VIEW 16 VDD 15 Q0 14 Q1 13 Q2 12 Q3 11 CLOCK 10 SELECT 1 9 SELECT 0 Description The CD40104BMS is a universal shift register featuring parallel inputs, parallel outputs, SHIFT RIGHT and SHIFT LEFT serial inputs, and a high impedance third output state allowing the device to be used in bus organized systems. In the parallel load mode (S0 and S1 are high), data is loaded into the associated flip-flop and appears at the output after the positive transition of the CLOCK input. During loading, serial data flow is inhibited. Shift right and shift left are accomplished synchronously on the positive clock edge with serial data entered at the SHIFT RIGHT and SHIFT LEFT serial inputs, respectively. Clearing the register is accomplished by setting both mode controls low and clocking the register. When the output enable input is low, all outputs assume the high impedance state. The CD40194BMS is a universal shift register featuring parallel inputs, parallel outputs SHIFT RIGHT and SHIFT LEFT serial inputs, and a direct overriding clear input. In the parallel load mode (S0 and S1 are high), data is loaded into the associated flip-flop and appears at the output after the positive transition of the CLOCK input. During loading, serial data flow is inhibited. Shift right and shift left are accomplished synchronously on the positive clock edge with data entered at the SHIFT RIGHT and SHIFT LEFT serial inputs, respectively. Clocking of the register is inhibited when both mode control inputs are low. When low, the RESET input resets all stages and forces all outputs low. The CD40194BMS is similar to industry types 340194 and MC40194. The CD40104BMS and CD40194BMS series types are supplied in these 16 lead outline packages Functional Diagrams CD40104BMS OUTPUT ENABLE D0 D1 D2 D3 SHIFT LEFT IN SHIFT RIGHT IN S0 MODE SELECT S1 CLOCK 3 4 5 6 7 2 9 10 11 1 15 Q0 14 Q1 13 Q2 12 Q3 VDD = 16 VSS = 8 CD40194BMS RESET D0 D1 D2 D3 SHIFT LEFT IN SHIFT RIGHT IN S0 MODE SELECT S1 CLOCK 3 4 5 6 7 2 9 10 11 1 15 Q0 14 Q1 13 Q2 12 Q3 Braze Seal DIP Frit Seal DIP Ceramic Flatpack * CD40104B Only *HNX, *H1L, H6W H4W HIF VDD = 16 VSS = 8 CD40194B Only CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999 File Number 3352 7-1307 Specifications CD40104BMS, CD40194BMS Absolute Maximum Ratings DC Supply Voltage Range, (VDD) . . . . . . . . . . . . . . . -0.5V to +20V (Voltage Referenced to VSS Terminals) Input Voltage Range, All Inputs . . . . . . . . . . . . .-0.5V to VDD +0.5V DC Input Current, Any One Input . . . . . . . . . . . . . . . . . . . . . . . .10mA Operating Temperature Range . . . . . . . . . . . . . . . . -55oC to +125oC Package Types D, F, K, H Storage Temperature Range (TSTG) . . . . . . . . . . . -65oC to +150oC Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . +265oC At Distance 1/16 1/32 Inch (1.59mm 0.79mm) from case for 10s Maximum Reliability Information Thermal Resistance . . . . . . . . . . . . . . . . ja jc Ceramic DIP and FRIT Package . . . . . 80oC/W 20oC/W Flatpack Package . . . . . . . . . . . . . . . . 70oC/W 20oC/W Maximum Package Power Dissipation (PD) at +125oC For TA = -55oC to +100oC (Package Type D, F, K) . . . . . . 500mW For TA = +100oC to +125oC (Package Type D, F, K). . . . . . Derate Linearity at 12mW/oC to 200mW Device Dissipation per Output Transistor . . . . . . . . . . . . . . . 100mW For TA = Full Package Temperature Range (All Package Types) Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175oC TABLE 1. DC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS 1 2 VDD = 18V, VIN = VDD or GND Input Leakage Current IIL VIN = VDD or GND VDD = 20V VDD = 18V Input Leakage Current IIH VIN = VDD or GND VDD = 20V VDD = 18V Output Voltage Output Voltage Output Current (Sink) Output Current (Sink) Output Current (Sink) Output Current (Source) Output Current (Source) Output Current (Source) Output Current (Source) N Threshold Voltage P Threshold Voltage Functional VOL15 VOH15 IOL5 IOL10 IOL15 IOH5A IOH5B IOH10 IOH15 VNTH VPTH F VDD = 15V, No Load VDD = 15V, No Load (Note 3) VDD = 5V, VOUT = 0.4V VDD = 10V, VOUT = 0.5V VDD = 15V, VOUT = 1.5V VDD = 5V, VOUT = 4.6V VDD = 5V, VOUT = 2.5V VDD = 10V, VOUT = 9.5V VDD = 15V, VOUT = 13.5V VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VDD = 2.8V, VIN = VDD or GND VDD = 20V, VIN = VDD or GND VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Input Voltage Low (Note 2) Input Voltage High (Note 2) Input Voltage Low (Note 2) Input Voltage High (Note 2) Tri-State Output Leakage VIL VIH VIL VIH IOZL VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 5V, VOH > 4.5V, VOL < 0.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V VDD = 15V, VOH > 13.5V, VOL < 1.5V VIN = VDD or GND VOUT = 0V VDD = 20V VDD = 18V Tri-State Output Leakage IOZH VIN = VDD or GND VOUT = VDD VDD = 20V VDD = 18V NOTES: 1. All voltages referenced to device GND, 100% testing being implemented. 2. Go/No Go test with limits applied to inputs. 3 1 2 3 1 2 3 1, 2, 3 1, 2, 3 1 1 1 1 1 1 1 1 1 7 7 8A 8B 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1 2 3 1 2 3 +25oC, LIMITS TEMPERATURE +25oC +125oC -55oC +25oC +125oC -55oC +25oC +125oC -55oC +25oC, +125oC, -55oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +125oC -55oC +125oC, -55oC 3.5 11 -0.4 -12 -0.4 1.5 4 0.4 12 0.4 V V V V A A A A A A MIN -100 -1000 -100 0.53 1.4 3.5 -2.8 0.7 MAX 10 1000 10 100 1000 100 50 -0.53 -1.8 -1.4 -3.5 -0.7 2.8 UNITS A A A nA nA nA nA nA nA mV V mA mA mA mA mA mA mA V V V PARAMETER Supply Current SYMBOL IDD CONDITIONS (NOTE 1) VDD = 20V, VIN = VDD or GND +25oC, +125oC, -55oC 14.95 VOH > VOL < VDD/2 VDD/2 +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC +125oC -55oC +25oC +125oC -55oC 3. For accuracy, voltage is measured differentially to VDD. Limit is 0.050V max. 7-1308 Specifications CD40104BMS, CD40194BMS TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS GROUP A SUBGROUPS TEMPERATURE 9 10, 11 9 10, 11 9 10, 11 9 10, 11 9 10, 11 9 10, 11 +25oC +125oC, -55oC LIMITS MIN o PARAMETER Propagation Delay Clock to Q Propagation Delay CD40194BMS Reset to Q Propagation Delay CD40104BMS 3-State Propagation Delay CD40104BMS 3-State Transition Time SYMBOL TPHL TPLH TPHL CONDITIONS VDD = 5V, VIN = VDD or GND (Note 1, 2) VDD = 5V, VIN = VDD or GND (Note 1, 2) VDD = 5V, VIN = VDD or GND (Note 2, 3) VDD = 5V, VIN = VDD or GND (Note 2, 3) VDD = 5V, VIN = VDD or GND (Note 1, 2) VDD = 5V, VIN = VDD or GND (Note 1, 2) MAX 440 594 460 621 160 216 90 122 200 270 - UNITS ns ns ns ns ns ns ns ns ns ns MHz MHz +25oC +125oC, -55oC TPZH TPZL TPLZ TPHZ +25oC +125oC, -55oC +25oC +125 C, -55 C +25 C +125oC, -55oC +25 C +125 C, -55 C o o o o o 3 2.22 TTHL TTLH FCL Maximum Clock Input Frequency NOTES: 1. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 2. -55oC and +125oC limits guaranteed, 100% testing being implemented. 3. VDD = 5V, CL = 50pF, RL = 1K, Input TR, TF < 20ns. TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current SYMBOL IDD CONDITIONS VDD = 5V, VIN = VDD or GND NOTES 1, 2 TEMPERATURE -55 C, +25 C +125 C VDD = 10V, VIN = VDD or GND 1, 2 -55 C, +25 C +125 C VDD = 15V, VIN = VDD or GND 1, 2 -55 C, +25 C +125 C Output Voltage Output Voltage Output Voltage Output Voltage Output Current (Sink) VOL VOL VOH VOH IOL5 VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, No Load VDD = 10V, No Load VDD = 5V, VOUT = 0.4V 1, 2 1, 2 1, 2 1, 2 1, 2 +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +25oC, +125oC, -55oC +125oC -55oC Output Current (Sink) IOL10 VDD = 10V, VOUT = 0.5V 1, 2 +125oC -55oC Output Current (Sink) IOL15 VDD = 15V, VOUT = 1.5V 1, 2 +125oC -55oC Output Current (Source) IOH5A VDD = 5V, VOUT = 4.6V 1, 2 +125oC -55oC o o o o o o o o o MIN 4.95 9.95 0.36 0.64 0.9 1.6 2.4 4.2 - MAX 5 150 10 300 10 600 50 50 -0.36 -0.64 UNITS A A A A A A mV mV V V mA mA mA mA mA mA mA mA 7-1309 Specifications CD40104BMS, CD40194BMS TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Output Current (Source) SYMBOL IOH5B CONDITIONS VDD = 5V, VOUT = 2.5V NOTES 1, 2 TEMPERATURE +125 C -55 C Output Current (Source) IOH10 VDD = 10V, VOUT = 9.5V 1, 2 +125oC -55 C Output Current (Source) IOH15 VDD =15V, VOUT = 13.5V 1, 2 +125 C -55 C Input Voltage Low Input Voltage High Propagation Delay Clock to Q Propagation Delay CD40194B Reset to Q Propagation Delay CD40104BMS 3-State Propagation Delay CD40104BMS 3-State Transition Time VIL VIH TPHL TPLH TPLH TPHL TPZH TPZL TPLZ TPHZ VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V, VOH > 9V, VOL < 1V VDD = 10V VDD = 15V VDD = 10V VDD = 15V VDD = 10V VDD = 15V VDD = 10V VDD = 15V TTHL TTLH TS VDD = 10V VDD = 15V VDD = 5V VDD = 10V VDD = 15V Minimum Data Hold Time D0, D3, SRIN, SLIN to Clock Minimum Clock Pulse Width TH VDD = 5V VDD = 10V VDD = 15V TW VDD = 5V VDD = 10V VDD = 15V Maximum Clock Rise and Fall Time TRCL TFCL VDD = 5V VDD = 10V VDD = 15V Minimum Data Setup Time Select 1, Select 0 to Clock Minimum Data Hold Time Select 1, Select 0 to Clock TS VDD = 5V VDD = 10V VDD = 15V TH VDD = 5V VDD = 10V VDD = 15V 1, 2 1, 2 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3, 4 1, 2, 3, 4 1, 2, 4 1, 2, 4 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3, 5 1, 2, 3, 5 1, 2, 3, 5 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 +25 C, +125 C, -55oC +25oC, +125oC, -55oC +25oC +25 C +25oC +25 C +25 C +25 C +25oC +25 C +25 C +25 C +25 C +25oC +25 C +25 C +25 C +25 C +25 C +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC +25oC o o o o o o o o o o o o o o o o o o o o MIN 7 3 6 8 - MAX -1.15 -2.0 -0.9 -1.6 -2.4 -4.2 3 200 140 180 130 70 50 50 40 100 80 100 70 50 0 0 0 180 80 50 400 220 130 0 0 0 UNITS mA mA mA mA mA mA V V ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns s s s ns ns ns ns ns ns Minimum Data Setup Time, D0, D3, SRIN, SLIN to Clock 7-1310 Specifications CD40104BMS, CD40194BMS TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS (Continued) LIMITS PARAMETER Minimum Reset Pulse Width CD40194BMS SYMBOL TW CONDITIONS VDD = 5V VDD = 10V VDD = 15V Input Capacitance NOTES: 1. All voltages referenced to device GND. 2. The parameters listed on Table 3 are controlled via design or process and are not directly tested. These parameters are characterized on initial design release and upon design changes which would affect these characteristics. 3. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 4. CL = 50pF, RL = 1K, Input TR, TF < 20ns. 5. If more than one unit is cascaded, TRCL should be made less than or equal to the sumof the transition time and the fixed propagation delay of the output of the driving stage for the estimated capacitive load. CIN Any Input NOTES 1, 2, 3 1, 2, 3 1, 2, 3 1, 2 TEMPERATURE +25 C +25 C +25oC +25 C o o o MIN - MAX 300 200 140 7.5 UNITS ns ns ns pF TABLE 4. POST IRRADIATION ELECTRICAL PERFORMANCE CHARACTERISTICS LIMITS PARAMETER Supply Current N Threshold Voltage N Threshold Voltage Delta P Threshold Voltage P Threshold Voltage Delta Functional SYMBOL IDD VNTH VTN VTP VTP F CONDITIONS VDD = 20V, VIN = VDD or GND VDD = 10V, ISS = -10A VDD = 10V, ISS = -10A VSS = 0V, IDD = 10A VSS = 0V, IDD = 10A VDD = 18V, VIN = VDD or GND VDD = 3V, VIN = VDD or GND Propagation Delay Time TPHL TPLH VDD = 5V 1, 2, 3, 4 +25oC NOTES 1, 4 1, 4 1, 4 1, 4 1, 4 1 TEMPERATURE +25 C +25 C +25 C +25oC +25 C +25oC o o o o MIN -2.8 0.2 VOH > VDD/2 - MAX 25 -0.2 1 2.8 1 VOL < VDD/2 1.35 x +25oC Limit UNITS A V V V V V ns NOTES: 1. All voltages referenced to device GND. 2. CL = 50pF, RL = 200K, Input TR, TF < 20ns. 3. See Table 2 for +25oC limit. 4. Read and Record TABLE 5. BURN-IN AND LIFE TEST DELTA PARAMETERS +25oC PARAMETER Supply Current - MSI-2 Output Current (Sink) Output Current (Source) SYMBOL IDD IOL5 IOH5A 1.0A 20% x Pre-Test Reading 20% x Pre-Test Reading DELTA LIMIT 7-1311 Specifications CD40104BMS, CD40194BMS TABLE 6. APPLICABLE SUBGROUPS CONFORMANCE GROUP Initial Test (Pre Burn-In) Interim Test 1 (Post Burn-In) Interim Test 2 (Post Burn-In) PDA (Note 1) Interim Test 3 (Post Burn-In) PDA (Note 1) Final Test Group A Group B Subgroup B-5 Subgroup B-6 Group D MIL-STD-883 METHOD 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 100% 5004 Sample 5005 Sample 5005 Sample 5005 Sample 5005 GROUP A SUBGROUPS 1, 7, 9 1, 7, 9 1, 7, 9 1, 7, 9, Deltas 1, 7, 9 1, 7, 9, Deltas 2, 3, 8A, 8B, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11 1, 2, 3, 7, 8A, 8B, 9, 10, 11, Deltas 1, 7, 9 1, 2, 3, 8A, 8B, 9 Subgroups 1, 2 3 Subgroups 1, 2, 3, 9, 10, 11 IDD, IOL5, IOH5A READ AND RECORD IDD, IOL5, IOH5A IDD, IOL5, IOH5A IDD, IOL5, IOH5A NOTE: 1. 5% Parameteric, 3% Functional; Cumulative for Static 1 and 2. TABLE 7. TOTAL DOSE IRRADIATION MIL-STD-883 METHOD 5005 TEST PRE-IRRAD 1, 7, 9 POST-IRRAD Table 4 READ AND RECORD PRE-IRRAD 1, 9 POST-IRRAD Table 4 CONFORMANCE GROUPS Group E Subgroup 2 TABLE 8. BURN-IN AND IRRADIATION TEST CONNECTIONS OSCILLATOR FUNCTION OPEN GROUND VDD 9V -0.5V 50kHz 25kHz CD40104BMS, CD40194BMS Static Burn-In 1 Note 1 Static Burn-In 2 Note 1 Dynamic BurnIn Note 1 Irradiation Note 2 NOTES: 1. Each pin except VDD and GND will have a series resistor of 10K 5%, VDD = 18V 0.5V 2. Each pin except VDD and GND will have a series resistor of 47K 5%; Group E, Subgroup 2, sample size is 4 dice/wafer, 0 failures, VDD = 10V 0.5V 12-15 12-15 12-15 1-11 8 7, 8, 10 8 16 1-7, 9-11, 16 1, 3-6, 9, 16 1-7, 9-11, 16 12-15 11 2 All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification. Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com 1312 CD40104BMS, CD40194BMS Logic Diagrams SHIFT RIGHT * INPUT 2 B p n B D D0 * 3 G VDD E p n E B p n B D D1 * 4 G VDD OUTPUT * ENABLE 1 CLOCK * 11 OE CL CL B p n B D D2 * 5 S0 * 9 G D D G S1 * 10 G B B E E D D3 * 6 G VDD p n G E SHIFT LEFT * INPUT 7 p n E p n D CL CL Q3 Q3 B p n B OE Q3 12 VDD E p n E p n G p n D CL CL Q2 Q2 OE Q2 13 E p n E p n G p n D CL CL Q1 Q1 OE Q1 14 p n G p n D CL p n CL CL p n CL CL p n CL VSS CL p n CL Q0 Q0 15 VDD OE Q0 VDD VSS * ALL INPUTS ARE PROTECTED BY CMOS PROTECTION NETWORK CONTROL TRUTH TABLE MODE SELECT CLOCK* S0 0 1 0 1 X X S1 0 0 1 1 X OUTPUT ENABLE 1 1 1 1 0 Reset Shift Right (Q0 toward Q3) Shift Left (Q3 toward Q0) Parallel Load Operations occur as shown above, but outputs assume high impedance * Level change ACTION X = Don't Care 1 = High level 0 = Low level FIGURE 1. CD40104BMS 7-1313 CD40104BMS, CD40194BMS Logic Diagrams SHIFT RIGHT * INPUT 2 B p n B D D0 * 3 G p n G E p n E B p n B D D1 * 4 G p n RESET p n D CL CL Q1 Q1 G E p n CL B p n B D D2 * 5 S0 * 9 G D D G S1 * 10 G B B E E D D3 * 6 G p n G E SHIFT LEFT * INPUT 7 p n E p n D CL CL Q3 Q3 Q3 12 B p n B E p n E p n G p n D CL CL Q2 Q2 Q2 13 E Q1 14 p n D CL p n CL CL p n CL R CL p n CL CL VSS p n CL R Q0 Q0 15 VDD (Continued) Q0 VDD VSS * 1 R CL * CLOCK * 11 ALL INPUTS ARE PROTECTED BY CMOS PROTECTION NETWORK CONTROL TRUTH TABLE MODE SELECT CLOCK* X S0 0 1 0 1 X X X = Don't Care S1 0 0 1 1 X RESET 1 1 1 1 0 No Change Shift Right (Q0 toward Q3) Shift Left (Q3 toward Q0) Parallel Load Reset * Level change ACTION 1 = High level 0 = Low level FIGURE 2. CD40194BMS 7-1314 CD40104BMS, CD40194BMS Typical Performance Characteristics OUTPUT LOW (SINK) CURRENT (IOL) (mA) OUTPUT LOW (SINK) CURRENT (IOL) (mA) AMBIENT TEMPERATURE (TA) = +25oC AMBIENT TEMPERATURE (TA) = +25oC 30 25 20 15 10 5 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 15.0 GATE-TO-SOURCE VOLTAGE (VGS) = 15V 12.5 10.0 7.5 5.0 2.5 10V 10V 5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) 5V 0 5 10 15 DRAIN-TO-SOURCE VOLTAGE (VDS) (V) FIGURE 3. TYPICAL N-CHANNEL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V FIGURE 4. MINIMUM N-CHANNEL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS DRAIN-TO-SOURCE VOLTAGE (VDS) (V) -15 -10 -5 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) AMBIENT TEMPERATURE (TA) = +25oC GATE-TO-SOURCE VOLTAGE (VGS) = -5V -5 0 0 -5 -10 -15 0 0 OUTPUT HIGH (SOURCE) CURRENT (IOH) (mA) -10V -20 -25 -10V -10 -15V -30 -15V -15 FIGURE 5. TYPICAL P-CHANNEL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 6. MINIMUM P-CHANNEL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS PROPAGATION DELAY TIME (tPLH, tPHL) (ns) AMBIENT TEMPERATURE (TA) = +25oC TRANSITION TIME (tTHL, tTLH) (ns) AMBIENT TEMPERATURE (TA) = +25oC 300 SUPPLY VOLTAGE (VDD) = 5V 200 10V 100 15V 200 SUPPLY VOLTAGE (VDD) = 5V 150 100 10V 50 15V 0 0 20 40 60 80 LOAD CAPACITANCE (CL) (pF) 100 0 0 20 40 60 80 100 LOAD CAPACITANCE (CL) (pF) FIGURE 7. TYPICAL PROPAGATION DELAY TIME AS A FUNCTION OF LOAD CAPACITANCE, (CLOCK TO Q) FIGURE 8. TYPICAL TRANSITION TIME AS A FUNCTION OF LOAD CAPACITANCE 7-1315 CD40104BMS, CD40194BMS Typical Performance Characteristics TYP. DYNAMIC POWER DISSIPATION (PD) (W) 105 8 6 4 2 (Continued) AMBIENT TEMPERATURE (TA) = +25oC SUPPLY VOLTAGE (VDD) = 5V 104 8 6 4 2 10 8 6 4 2 3 10V 15V 102 8 6 4 2 CL = 50pF CL = 15pF 2 468 2 468 2 468 2 468 2 468 10 0.1 1 10 102 FREQUENCY (f) (kHz) 103 104 FIGURE 9. TYPICAL POWER DISSIPATION AS A FUNCTION OF FREQUENCY Chip Dimensions and Pad Layouts CD40104BMS Dimensions in parenthesis are in millimeters and are derived from the basic inch dimensions as indicated. Grid graduations are in mils (10-3 inch). CD40194BMS METALLIZATION: PASSIVATION: Thickness: 11kA - 14kA, AL. 10.4kA - 15.6kA, Silane BOND PADS: 0.004 inches X 0.004 inches MIN DIE THICKNESS: 0.0198 inches - 0.0218 inches 7-1316 |
Price & Availability of CD40194BMS |